전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1350 데이터시트(PDF) 12 Page - Nippon Precision Circuits Inc

부품명 SM1350
상세설명  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 데이터시트(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—12
Level hold melody output (LH = HIGH)
S0, S1 melody output control
The melody selection in serial mode is controlled by S0 and S1 as shown in the following table. When S1 is
HIGH, S0 switches to a pull-up input configuration. The states of S0 and S1 are read in immediately after start-
up and does not change during melody output.
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics
Figure 10. Level hold mode (serial select)
STN
#N
#N+1
#N+1
Melody
Output
Table 1. S0, S1 resistor and melody counter
S 0
S 1
Melod y counter
LOW
×
Increments when melody output stops
HIGH
LOW
No increment
HIGH
HIGH
Increments when melody output starts
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics
Figure 11. S0, S1 melody output control timing
STN
S1
S0
#N
#N+1
#N+2
#N+2
Serection
Counter
Melody
Output
#N
#N+1
#N+2
#N+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21