전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LQ40 데이터시트(PDF) 55 Page - ELM Electronics

부품명 GD25LQ40
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ40 데이터시트(HTML) 55 Page - ELM Electronics

Back Button GD25LQ40 Datasheet HTML 51Page - ELM Electronics GD25LQ40 Datasheet HTML 52Page - ELM Electronics GD25LQ40 Datasheet HTML 53Page - ELM Electronics GD25LQ40 Datasheet HTML 54Page - ELM Electronics GD25LQ40 Datasheet HTML 55Page - ELM Electronics GD25LQ40 Datasheet HTML 56Page - ELM Electronics GD25LQ40 Datasheet HTML 57Page - ELM Electronics GD25LQ40 Datasheet HTML 58Page - ELM Electronics GD25LQ40 Datasheet HTML 59Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
55
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
GD 25 LQ 40 x I G x
9. ORDERING INFORMATION
Packing Type
Y: Tray
R: Tape & Reel
Green Code
G: Pb Free & Halogen Free Green Package
Temperature Range
I: Industrial(-40°C to +85°C)
Package Type
T: SOP8 150mil
S: SOP8 208mil
N: USON8 (4×3mm)
W: WSON8 (6×5mm)
Density
40: 4Mb
Series
LQ: 1.8V, 4KB Uniform Sector
Product Family
25: SPI Interface Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com