전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LQ40 데이터시트(PDF) 8 Page - ELM Electronics

부품명 GD25LQ40
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ40 데이터시트(HTML) 8 Page - ELM Electronics

Back Button GD25LQ40 Datasheet HTML 4Page - ELM Electronics GD25LQ40 Datasheet HTML 5Page - ELM Electronics GD25LQ40 Datasheet HTML 6Page - ELM Electronics GD25LQ40 Datasheet HTML 7Page - ELM Electronics GD25LQ40 Datasheet HTML 8Page - ELM Electronics GD25LQ40 Datasheet HTML 9Page - ELM Electronics GD25LQ40 Datasheet HTML 10Page - ELM Electronics GD25LQ40 Datasheet HTML 11Page - ELM Electronics GD25LQ40 Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Status Register Content
Memory Content
BP4 BP3 BP2 BP1 BP0
Blocks
Addresses
Density
Portion
×
×
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
7
070000H-07FFFFH
64KB
Upper 1/8
0
0
0
1
0
6 and 7
060000H-07FFFFH
128KB
Upper 1/4
0
0
0
1
1
4 to 7
040000H-07FFFFH
256KB
Upper 1/2
0
1
0
0
1
0
000000H-00FFFFH
64KB
Lower 1/8
0
1
0
1
0
0 and 1
000000H-01FFFFH
128KB
Lower 1/4
0
1
0
1
1
0 to 3
000000H-03FFFFH
256KB
Lower 1/2
0
×
1
×
×
0 to 7
000000H-07FFFFH
512KB
ALL
1
0
0
0
1
7
07F000H-07FFFFH
4KB
Upper 1/128
1
0
0
1
0
7
07E000H-07FFFFH
8KB
Upper 1/64
1
0
0
1
1
7
07C000H-07FFFFH
16KB
Upper 1/32
1
0
1
0
×
7
078000H-07FFFFH
32KB
Upper 1/16
1
0
1
1
0
7
078000H-07FFFFH
32KB
Upper 1/16
1
1
0
0
1
0
000000H-000FFFH
4KB
Lower 1/128
1
1
0
1
0
0
000000H-001FFFH
8KB
Lower 1/64
1
1
0
1
1
0
000000H-003FFFH
16KB
Lower 1/32
1
1
1
0
×
0
000000H-007FFFH
32KB
Lower 1/16
1
1
1
1
0
0
000000H-007FFFH
32KB
Lower 1/16
1
×
1
1
1
0 to 7
000000H-07FFFFH
512KB
ALL
Table 1. GD25LQ40 Protected area size (CMP=0)
5. DATA PROTECTION
The GD25LQ40 provides the following data protection methods:
♦ Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL
bit will return to reset by the following situation:
- Power-Up / Write Disable (WRDI) / Write Status Register (WRSR)
- Page Program (PP) / Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
♦ Software Protection Mode: The Block Protect (BP4, BP3, BP2, BP1, BP0) bits define the section of the
memory array that can be read but not change.
♦ Hardware Protection Mode: WP# going low to protected the BP0~BP4 bits and SRP0~1 bits.
♦ Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from
Deep Power-Down Mode command.
Figure 1. Hold Condition
HOLD
HOLD
CS#
SCLK
HOLD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com