전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LQ40 데이터시트(PDF) 16 Page - ELM Electronics

부품명 GD25LQ40
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ40 데이터시트(HTML) 16 Page - ELM Electronics

Back Button GD25LQ40 Datasheet HTML 12Page - ELM Electronics GD25LQ40 Datasheet HTML 13Page - ELM Electronics GD25LQ40 Datasheet HTML 14Page - ELM Electronics GD25LQ40 Datasheet HTML 15Page - ELM Electronics GD25LQ40 Datasheet HTML 16Page - ELM Electronics GD25LQ40 Datasheet HTML 17Page - ELM Electronics GD25LQ40 Datasheet HTML 18Page - ELM Electronics GD25LQ40 Datasheet HTML 19Page - ELM Electronics GD25LQ40 Datasheet HTML 20Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
16
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
CS#
SCLK
IO0
IO1
IO2
IO3
0 1
Command
04H
Figure 3a. Write Disable Sequence Diagram (QPI)
7.2. Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable command
sequence: CS# goes low → Sending the Write Disable command → CS# goes high. The WEL bit is reset by
following condition: Power-up and upon completion of the Write Status Register, Page Program, Sector Erase,
Block Erase, Chip Erase, Erase/Program Security Registers and Reset commands.
Command
0 1 2 3 4 5 6 7
04H
CS#
SCLK
SI
SO
High-Z
Figure 3. Write Disable Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com