전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z86L7208FSC 데이터시트(PDF) 41 Page - Zilog, Inc.

부품명 Z86L7208FSC
상세설명  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC 데이터시트(HTML) 41 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 37Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 38Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 39Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 40Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 41Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 42Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 43Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 44Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-41
1
T8 Demodulation Mode
The user should program TC8L and TC8H to %FF. After
T8 is enabled, when the first edge (rising, falling, or both
depending on CTR1 D5, D4) is detected, it starts to count
down. When a subsequent edge (rising, falling, or both de-
pending on CTR1 D5, D4) is detected during counting, the
current value of T8 is one's complemented and put into
one of the capture registers. If it is a positive edge, data is
put into LO8, if negative edge, HI8. One of the edge detect
status bits (CTR1 D1, D0) is set, and an interrupt can be
generated if enabled (CTR0 D2). Meanwhile, T8 is loaded
with %FF and starts counting again. Should T8 reach 0,
the time-out status bit (CTR0 D5) is set, an interrupt can be
generated if enabled (CTR0 D1), and T8 continues count-
ing from %FF (Figure 26).
Figure 26. Demodulation Mode Count Capture Flowchart
T8 (8-Bit)
Count Capture
T8_Enable
(Set By User)
No
Yes
Edge Present
No
Yes
What Kind Of Edge
Pos
T8
→ L08
Neg
T8
→ HI8
%FF
→ T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71