전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z86L7208FSC 데이터시트(PDF) 56 Page - Zilog, Inc.

부품명 Z86L7208FSC
상세설명  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC 데이터시트(HTML) 56 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 52Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 53Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 54Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 55Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 56Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 57Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 58Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 59Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 60Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-56
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
Figure 41. Stop-Mode Recovery Register 2
((0F) DH: D2-D4, D6 Write Only)
D7 D6
D5
D4
D3
D2
D1
D0
SMR2 (0F) DH
Reserved (Must be 0)
Reserved (Must be 0)
Stop-Mode Recovery Source 2
000 POR only*
001 NAND P20, P21, P22, P23
010 NAND P20, P21, P22, P23, P24, P25, P26, P27
011 NOR P31, P32, P33
100 NAND P31, P32, P33
101 NOR P31, P32, P33, P00, P07
110 NAND P31, P32, P33, P00, P07
111 NAND P31, P32, P33, P20, P21, P22
Reserved (Must be 0)
Recovery Level
0 Low*
1 High
Reserved (Must be 0)
Note: If used in conjunction with SMR,
either of the two specified events will
cause a Stop-Mode Recovery.
*Default Setting After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71