전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L8708H 데이터시트(PDF) 39 Page - Zilog, Inc.

부품명 L8708H
상세설명  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H 데이터시트(HTML) 39 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 35Page - Zilog, Inc. L8708H Datasheet HTML 36Page - Zilog, Inc. L8708H Datasheet HTML 37Page - Zilog, Inc. L8708H Datasheet HTML 38Page - Zilog, Inc. L8708H Datasheet HTML 39Page - Zilog, Inc. L8708H Datasheet HTML 40Page - Zilog, Inc. L8708H Datasheet HTML 41Page - Zilog, Inc. L8708H Datasheet HTML 42Page - Zilog, Inc. L8708H Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
39
1
Figure 29. Transmit Mode Flowchart
T8 (8-Bit)
Transmit Mode
T8_Enable Bit Set
CTR0, D7
No
Yes
CTR1, D1
Value
1
Load TC8L
Reset T8_OUT
Load TC8H
Set T8_OUT
Enable T8
Reset T8_Enable Bit
Set Time-out Status Bit
(CTR0 D5) and Generate
Timeout_Int If Enabled
No
T8_Timeout
Yes
Single Pass?
Modulo-N
T8_OUT Value
Load TC8L
Reset T8_OUT
Load TC8H
Set T8_OUT
Enable T8
No
T8_Timeout
Disable T8
Yes
Set Time-out Status Bit
(CTR0 D5) and Generate
Timeout_Int If Enabled
Single Pass
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66