| 전자부품 데이터시트 검색엔진 |
|
LMV321M7/NOPB 데이터시트(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB 데이터시트(HTML) 23 Page - Texas Instruments |
|
23 / 52 page ![]() LMV321-N, LMV321-N-Q1, LMV358-N LMV358-N-Q1, LMV324-N, LMV324-N-Q1 www.ti.com SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014 Typical Applications (continued) 9.2.3.3 Single-Supply Inverting Amplifier There may be cases where the input signal going into the amplifier is negative. Because the amplifier is operating in single supply voltage, a voltage divider using R3 and R4 is implemented to bias the amplifier so the input signal is within the input common-mode voltage range of the amplifier. The capacitor C1 is placed between the inverting input and resistor R1 to block the DC signal going into the AC signal source, VIN. The values of R1 and C1 affect the cutoff frequency, fc = 1/2πR1C1. As a result, the output signal is centered around mid-supply (if the voltage divider provides V+/2 at the non- inverting input). The output can swing to both rails, maximizing the signal-to-noise ratio in a low voltage system. Figure 59. Single-Supply Inverting Amplifier 9.2.4 Sallen-Key 2nd-Order Active Low-Pass Filter The Sallen-Key 2nd-order active low-pass filter is illustrated in Figure 60. The DC gain of the filter is expressed as (2) Its transfer function is (3) Figure 60. Sallen-Key 2nd-Order Active Low-Pass Filter Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 23 Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1 |