| 전자부품 데이터시트 검색엔진 |
|
LMV321M7/NOPB 데이터시트(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB 데이터시트(HTML) 36 Page - Texas Instruments |
|
36 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMV324Q1MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324Q1 MA LMV324Q1MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324Q1 MA LMV324Q1MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324 Q1MT LMV324Q1MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324 Q1MT LMV324Q3MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324Q3 MA LMV324Q3MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324Q3 MA LMV324Q3MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 Q3MT LMV324Q3MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 Q3MT LMV358M NRND SOIC D 8 95 TBD Call TI Call TI -40 to 85 LMV 358M LMV358M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV 358M LMV358MM NRND VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 85 V358 LMV358MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 V358 LMV358MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 V358 LMV358MX NRND SOIC D 8 2500 TBD Call TI Call TI -40 to 85 LMV 358M LMV358MX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV 358M LMV358Q1MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV35 8Q1MA LMV358Q1MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV35 8Q1MA LMV358Q1MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AFAA |