| 전자부품 데이터시트 검색엔진 |
|
LMV321M7/NOPB 데이터시트(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB 데이터시트(HTML) 31 Page - Texas Instruments |
|
31 / 52 page ![]() LMV321-N, LMV321-N-Q1, LMV358-N LMV358-N-Q1, LMV324-N, LMV324-N-Q1 www.ti.com SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014 Typical Applications (continued) Figure 69. Power Amplifier 9.2.10 LED Driver The LMV321-N/LMV358-N/LMV324-N can be used to drive an LED as shown in Figure 70. Figure 70. LED Driver 9.2.11 Comparator With Hysteresis The LMV321-N/LMV358-N/LMV324-N can be used as a low power comparator. Figure 71 shows a comparator with hysteresis. The hysteresis is determined by the ratio of the two resistors. VTH+ = VREF/(1+R 1/R2)+VOH/(1+R2/R1) (30) VTH− = VREF/(1+R 1/R2)+VOL/(1+R2/R1) (31) VH = (VOH−VOL)/(1+R 2/R1) (32) where VTH+: Positive Threshold Voltage VTH−: Negative Threshold Voltage VOH: Output Voltage at High VOL: Output Voltage at Low VH: Hysteresis Voltage Since LMV321-N/LMV358-N/LMV324-N have rail-to-rail output, the (VOH−VOL) is equal to VS, which is the supply voltage. VH = VS/(1+R2/R1) (33) The differential voltage at the input of the op amp should not exceed the specified absolute maximum ratings. For real comparators that are much faster, we recommend you use Texas Instruments's LMV331/LMV93/LMV339, which are single, dual and quad general purpose comparators for low voltage operation. Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 31 Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1 |