전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5047P 데이터시트(PDF) 36 Page - ams AG

부품명 AS5047P
상세설명  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5047P 데이터시트(HTML) 36 Page - ams AG

Back Button AS5047P Datasheet HTML 32Page - ams AG AS5047P Datasheet HTML 33Page - ams AG AS5047P Datasheet HTML 34Page - ams AG AS5047P Datasheet HTML 35Page - ams AG AS5047P Datasheet HTML 36Page - ams AG AS5047P Datasheet HTML 37Page - ams AG AS5047P Datasheet HTML 38Page - ams AG AS5047P Datasheet HTML 39Page - ams AG AS5047P Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − RoHS Compliant & ams Green Statement
RoHS: The term RoHS compliant means that ams AG products
fully comply with current RoHS directives. Our semiconductor
products do not contain any chemicals for all 6 substance
categories, including the requirement that lead not exceed
0.1% by weight in homogeneous materials. Where designed to
be soldered at high temperatures, RoHS compliant products are
suitable for use in specified lead-free processes.
ams Green (RoHS compliant and no Sb/Br): ams Green
defines that in addition to RoHS compliance, our products are
free of Bromine (Br) and Antimony (Sb) based flame retardants
(Br or Sb do not exceed 0.1% by weight in homogeneous
material).
Important Information: The information provided in this
statement represents ams AG knowledge and belief as of the
date that it is provided. ams AG bases its knowledge and belief
on information provided by third parties, and makes no
representation or warranty as to the accuracy of such
information. Efforts are underway to better integrate
information from third parties. ams AG has taken and continues
to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or
chemical analysis on incoming materials and chemicals. ams AG
and ams AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited
information may not be available for release.
RoHS Compliant & ams Green
Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40