전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5047P 데이터시트(PDF) 38 Page - ams AG

부품명 AS5047P
상세설명  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5047P 데이터시트(HTML) 38 Page - ams AG

Back Button AS5047P Datasheet HTML 32Page - ams AG AS5047P Datasheet HTML 33Page - ams AG AS5047P Datasheet HTML 34Page - ams AG AS5047P Datasheet HTML 35Page - ams AG AS5047P Datasheet HTML 36Page - ams AG AS5047P Datasheet HTML 37Page - ams AG AS5047P Datasheet HTML 38Page - ams AG AS5047P Datasheet HTML 39Page - ams AG AS5047P Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40