전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS34907FN 데이터시트(PDF) 17 Page - ams AG

부품명 TCS34907FN
상세설명  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN 데이터시트(HTML) 17 Page - ams AG

Back Button TCS34907FN Datasheet HTML 13Page - ams AG TCS34907FN Datasheet HTML 14Page - ams AG TCS34907FN Datasheet HTML 15Page - ams AG TCS34907FN Datasheet HTML 16Page - ams AG TCS34907FN Datasheet HTML 17Page - ams AG TCS34907FN Datasheet HTML 18Page - ams AG TCS34907FN Datasheet HTML 19Page - ams AG TCS34907FN Datasheet HTML 20Page - ams AG TCS34907FN Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ams Datasheet
Page 17
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Register Description
Interrupt Register (0x8C)
The Interrupt Register controls the interrupt capabilities of the
device.
Figure 23:
Interrupt Register
7
6
5
4
3
2
1
0
Reserved
APERS
Field
Bits
Description
Reserved
7:4
Reserved. Write as 0.
APERS
3:0
Clear Interrupt Persistence. Controls rate of Clear channel interrupt to the host
processor.
Field Value
Persistence
0000
Every RGBC cycle generates an interrupt
0001
Any value outside of threshold range
0010
2 consecutive values out of range
0011
3 consecutive values out of range
0100
5 consecutive values out of range
0101
10 consecutive values out of range
0110
15 consecutive values out of range
0111
20 consecutive values out of range
1000
25 consecutive values out of range
1001
30 consecutive values out of range
1010
35 consecutive values out of range
1011
40 consecutive values out of range
1100
45 consecutive values out of range
1101
50 consecutive values out of range
1110
55 consecutive values out of range
1111
60 consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34