| 전자부품 데이터시트 검색엔진 |
|
TCS34907FN 데이터시트(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS34907FN 데이터시트(HTML) 5 Page - ams AG |
|
5 / 34 page ![]() ams Datasheet Page 5 [v1-09] 2016-Jan-11 Document Feedback TCS3490 − Electrical Characteristics All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods. Figure 6: Recommended Operating Conditions Note(s) and/or Footnote(s): 1. While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated at 25°C unless otherwise noted. Figure 7: Operating Characteristics, VDD=3V, TA=25ºC (unless otherwise noted) Symbol Parameter Min Typ Max Units VDD Supply voltage 2.7 3 3.6 V TA Operating free-air temperature (1) -40 70 °C Symbol Parameter Conditions Min Typ Max Units IDD Supply current Active 235 330 μA Wait state 60 Sleep state - no I²C activity 1.0 10 VOL INT, SDA output low voltage 3 mA sink current 0 0.4 V 6 mA sink current 0 0.6 ILEAK Leakage current, SDA, SCL, INT pins -5 5 μA VIH SCL, SDA input high voltage TCS34901, TCS34905 0.7 VDD V TCS34903, TCS34907 1.26 VIL SCL, SDA input low voltage TCS34901, TCS34905 0.3 VDD V TCS34903, TCS34907 0.54 Electrical Characteristics |