전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS34907FN 데이터시트(PDF) 19 Page - ams AG

부품명 TCS34907FN
상세설명  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN 데이터시트(HTML) 19 Page - ams AG

Back Button TCS34907FN Datasheet HTML 15Page - ams AG TCS34907FN Datasheet HTML 16Page - ams AG TCS34907FN Datasheet HTML 17Page - ams AG TCS34907FN Datasheet HTML 18Page - ams AG TCS34907FN Datasheet HTML 19Page - ams AG TCS34907FN Datasheet HTML 20Page - ams AG TCS34907FN Datasheet HTML 21Page - ams AG TCS34907FN Datasheet HTML 22Page - ams AG TCS34907FN Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ams Datasheet
Page 19
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Register Description
Auxiliary Register (AUX 0x90)
The AUX register enables the ALS saturation detection
interrupt. If ASIEN = 1 and an interrupt occurs it is cleared by
accessing the Clear Interrupt registers at 0XE6 or 0XE7.
Figure 26:
Auxiliary Register
Revision ID Register (REVID 0x91)
This read-only register identifies the die revision level.
Figure 27:
Revision ID Register
7
6
5
4
3
2
1
0
Reserved
ASIEN
Reserved
Field
Bits
Description
Reserved
7:6
Reserved. Write all as 0.
ASIEN
5
0 disables, 1 enables ALS Saturation Interrupt
Reserved
4:0
Reserved.
7
6
5
4
3
2
1
0
Reserved
RevID
Field
Bits
Description
Reserved
7:4
Reserved.
RevID
3:0
Wafer die revision level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34