전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F303RE 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers

부품명 F303RE
상세설명  STM32 Nucleo-64 boards
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

F303RE 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button F303RE Datasheet HTML 17Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 18Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 19Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 20Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 21Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 22Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 23Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 24Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
DocID025833 Rev 9
17/61
UM1724
Hardware layout and configuration
60
5.3.3
External power supply input: + 3V3
It can be of interest to use the +3V3 (CN6 pin 4 or CN7 pin 12 and pin 16) directly as power
input for instance in case the 3.3 V is provided by an extension board. When NUCLEO is
power supplied by +3V3, the ST-LINK is not powered thus the programming and debug
features are unavailable. The external power sources +3.3V is summarized in the Table 8.
Two different configurations are possible to use +3V3 to power the board:
•
ST-LINK is removed (PCB cut), or
•
SB2 (3V3 regulator) & SB12 (NRST) are OFF.
5.3.4
External power supply output
When powered by USB, VIN or E5V, the +5V (CN6 pin 5 or CN7 pin 18) can be used as
output power supply for an Arduino shield or an extension board. In this case, the maximum
current of the power source specified in Table 6 needs to be respected.
The +3.3 V (CN6 pin 4 or CN7 pin 12 & 16) can be used also as power supply output. The
current is limited by the maximum current capability of the regulator U4 (500 mA max).
5.4
LEDs
The tricolor LED (green, orange, red) LD1 (COM) provides information about ST-LINK
communication status. LD1 default color is red. LD1 turns to green to indicate that
communication is in progress between the PC and the ST-LINK/V2-1, with the following
setup:
•
Slow blinking Red/Off: at power-on before USB initialization
•
Fast blinking Red/Off: after the first correct communication between the PC and ST-
LINK/V2-1 (enumeration)
•
Red LED On: when the initialization between the PC and ST-LINK/V2-1 is complete
•
Green LED On: after a successful target communication initialization
•
Blinking Red/Green: during communication with target
•
Green On: communication finished and successful.
•
Orange On: Communication failure
User LD2: the green LED is a user LED connected to Arduino signal D13 corresponding to
MCU I/O PA5 (pin 21) or PB13 (pin 34) depending on the STM32 target. Please refer to
Table 10 to Table 21.
•
When the I/O is HIGH value, the LED is on.
•
When the I/O is LOW, the LED is off.
LD3 PWR: the red LED indicates that the MCU part is powered and +5V power is available.
Table 8. +3.3V eternal power source
Input power
name
Connectors pins
Voltage range
Limitation
+3V3
CN6 pin 4
CN7 pin 12 and pin 16
3 V to 3.6 V
Used when ST-LINK part of PCB is cut or
SB2 and SB12 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65