전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F303RE 데이터시트(PDF) 53 Page - List of Unclassifed Manufacturers

부품명 F303RE
상세설명  STM32 Nucleo-64 boards
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

F303RE 데이터시트(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button F303RE Datasheet HTML 49Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 50Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 51Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 52Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 53Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 54Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 55Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 56Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
DocID025833 Rev 9
49/61
UM1724
Hardware layout and configuration
60
Table 27. STMicroelectronics Morpho connector on NUCLEO-F401RE,
NUCLEO-F411RE,NUCLEO-F446RE
CN7 odd pins
CN7 even pins
CN10 odd pins
CN10 even pins
Pin No.
Name
Name
Pin No.
Pin No.
Name
Name
Pin No.
1
PC10
PC11
2
1
PC9
PC8
2
3
PC12
PD2
4
3
PB8
PC6
4
5
VDD
E5V
6
5
PB9
PC5
6
7BOOT0(1)
1. Default state of BOOT0 is 0. It can be set to 1 when a jumper is on pin5-7 of CN7.Two unused
jumpers are available on CN11 and CN12 (bottom side of the board).
GND
8
7
AVDD
U5V(2)
2. U5V is 5 V power from ST-LINK/V2-1 USB connector and it rises before +5V
8
9-
-
10
9
GND
-
10
11
-
IOREF
12
11
PA5
PA12
12
13
PA13(3)
3. PA13 and PA14 share with SWD signals connected to ST-LINK/V2-1, it is not recommend to
use them as IO pins if ST-LINK part is not cut.
RESET
14
13
PA6
PA11
14
15
PA14(3)
+3V3
16
15
PA7
PB12
16
17
PA15
+5V
18
17
PB6
-
18
19
GND
GND
20
19
PC7
GND
20
21
PB7
GND
22
21
PA9
PB2
22
23
PC13
VIN
24
23
PA8
PB1
24
25
PC14
-
26
25
PB10
PB15
26
27
PC15
PA0
28
27
PB4
PB14
28
29
PH0
PA1
30
29
PB5
PB13
30
31
PH1
PA4
32
31
PB3
AGND
32
33
VBAT
PB0
34
33
PA10
PC4
34
35
PC2
PC1 or
PB9(4)
4. Please refer to Table 9: Solder bridges for detail
36
35
PA2
-
36
37
PC3
PC0 or
PB8(4)
38
37
PA3
-
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com