| 전자부품 데이터시트 검색엔진 |
|
F303RE 데이터시트(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
F303RE 데이터시트(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 65 page ![]() DocID025833 Rev 9 35/61 UM1724 Hardware layout and configuration 60 CN9 Digital 8D7 PA8 - 7 D6 PB10 TIM2_CH3 6 D5 PB4 TIM3_CH1 5 D4 PB5 - 4 D3 PB3 TIM2_CH2 3D2 PA10 - 2 D1 PA2 USART2_TX 1. Please refer to Table 9: Solder bridges or details. Table 14. Arduino connectors on NUCLEO-F334R8 CN No. Pin No. Pin name MCU pin Function Left connectors CN6 power 1NC - - 2 IOREF - 3.3V Ref 3 RESET NRST RESET 4 +3V3 - 3.3V input/output 5 +5V - 5V output 6 GND - Ground 7 GND - Ground 8 VIN - Power input CN8 analog 1 A0 PA0 ADC1_IN1 2 A1 PA1 ADC1_IN2 3 A2 PA4 ADC2_IN1 4 A3 PB0 ADC1_IN11 5 A4 PC1 or PB9(1) ADC_IN7 (PC1) or I2C1_SDA (PB9) 6 A5 PC0 or PB8(1) ADC_IN6 (PC0) or I2C1_SCL (PB8) Right connectors CN5 digital 10 D15 PB8 I2C1_SCL 9 D14 PB9 I2C1_SDA 8 AREF - AVDD 7 GND - Ground 6 D13 PA5 SPI1_SCK 5 D12 PA6 SPI1_MISO 4 D11 PA7 TIM17_CH1 or SPI1_MOSI 3 D10 PB6 TIM16_CH1N or SPI1_CS 2 D9 PC7 TIM3_CH2 Table 13. Arduino connectors on NUCLEO-F303RE (continued) CN No. Pin No. Pin name MCU pin Function |