전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM-YROTATE-IT-RX62T 데이터시트(PDF) 34 Page - Renesas Technology Corp

부품명 UM-YROTATE-IT-RX62T
상세설명  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T 데이터시트(HTML) 34 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 30Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 31Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 32Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 33Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 34Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 35Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 36Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 37Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 34 of 51
Jan 15, 2014
18. PC Graphical User Interface
The User Interface is easily installed via the CD-ROM installer. The PC Interface is using the optically isolated USB
connection to powered the board and communicate with it.
Once the Motor Control PC GUI is installed based on the explanations of the Quick Start Guide, please click on the
“Speed Control” button to display the following window:
Please find below the description of the Alarm codes coming from the PC GUI:
Alarm 1:
The alarm 1 is called “EEPROM alarm” and described in the software by “EQP_ALL”. This alarm is set when one or
more EEPROM parameters are higher than the maximum allowed value or lower than the minimum allowed value.
The LED DL4 is quickly blinking on the main board to indicate that an alarm is set.
The maximum and minimum values are specified in the two constants tables called: "par_max[]" "par_min[]" in the
"ges_eqp.h" header file. Another root cause for the alarm 1 is the EEPROM hardware failure when the error is
accessed in read or write mode.
When this alarm is active, the access to the EEPROM is restricted. To reset the alarm the default parameters set
should be reloaded in the EEPROM. By using the PC GUI and the parameters setting window, it becomes possible to
clean the EEPROM content. The first step is to write the magic number “33” in the first parameter n°00. The second
step is to reset the board by pressing the reset button on the PCB or switching off the power supply.
At this point a coherent set of parameters is loaded and the alarm should disappear.
Finally, if the alarm is produced by a hardware failure of the EEPROM itself, then the board needs to be repaired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com