| 전자부품 데이터시트 검색엔진 |
|
UM-YROTATE-IT-RX62T 데이터시트(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T 데이터시트(HTML) 23 Page - Renesas Technology Corp |
|
23 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 23 of 51 Jan 15, 2014 12. Flux Feedback Gain The block scheme of the exact BEMF integration method for flux position estimation is the following: The inputs of the system are the imposed voltage vector V and the measured current vector I. The motor phase resistance Rs, the synchronous inductance Ls and the permanent magnet flux amplitude λ m are known as parameters and motor specific. The integral operation is corrected with a signal obtained modulating accordingly with the estimated phase the error between the estimated flux amplitude and the amplitude of the permanent magnets flux. The gain of this correction is indicated with G and it is this feedback which avoids the integral divergence due to the errors, offsets and so on. The higher G is, the higher is the correspondence between the estimated amplitude and the theoretical one, but the larger can be the induced phase error. The choice of G is a compromise, in order to guarantee that the integral remains close to its theoretical value, but free enough to estimate the correct system phase. R S L S ∫∫∫∫ ∠ ∠ ∠ ∠ e j ϑ G v i λλλλ m + + + + - - - - λλλλ S λλλλ m * λλλλ m * ϑϑϑϑ λλλλ e |