| 전자부품 데이터시트 검색엔진 |
|
UM-YROTATE-IT-RX62T 데이터시트(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T 데이터시트(HTML) 42 Page - Renesas Technology Corp |
|
42 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 42 of 51 Jan 15, 2014 Please click on the “Oscilloscope” button to see the motor waveforms with the current in Y-axis and the time in x- axis. You can also display the phase by clicking on “Phase” selector: For the oscilloscope window, use an opportune time scale: “1 sample every 1” should be used for extremely fast phenomena when running at very high speed. |