전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9663 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 L9663
상세설명  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics L9663 Datasheet HTML 102Page - STMicroelectronics L9663 Datasheet HTML 103Page - STMicroelectronics L9663 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Package information
L9663
100/104
DocID028693 Rev 1
Table 28. TQFP32 (7x7x1.0 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.2
-
-
0.0472
A1
0.05
-
0.15
0.0020
-
0.0059
A2
0.95
1
1.05
0.0374
0.0394
0.0413
b
0.3
0.37
0.45
0.0118
0.0146
0.0177
c
0.09
-
0.2
0.0035
-
0.0079
D
8.8
9
9.2
0.3465
0.3543
0.3622
D1
6.8
7
7.2
0.2677
0.2756
0.2835
D2
2
-
-
0.0787
-
-
D3
-
5.6
-
-
0.2205
-
E
8.8
9
9.2
0.3465
0.3543
0.3622
E1
6.8
7
7.2
0.2677
0.2756
0.2835
E2
2
-
-
0.0787
-
-
E3
-
5.6
-
-
0.2205
-
e
-
0.8
-
-
0.0315
-
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
-
1
-
-
0.0394
-
k
-
3.5
7
-
0.1378
0.2756
ccc
-
-
0.1
-
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More