전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9663 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 L9663
상세설명  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics L9663 Datasheet HTML 27Page - STMicroelectronics L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
Satellite interface
L9663
28/104
DocID028693 Rev 1
Each PSI5 data frame consists of a total p bits containing:
two start bits (S1 and S2),
one parity bit (P) with even parity or alternatively 3 CRC bits (C0, C1, C2), and
a data region (D0 … D[k-1]) with k = 8…28 bit.
The total length of a PSI5 frame is p=k+3 data bits (in case of frames with parity bit) or
p=k+5 data bits (in case of frames with CRC).
Data bits are transmitted LSB first. The parity or CRC check bits cover the bits of the entire
data region.
Figure 14. PSI5 v1.3 frame
Figure 15. PSI5 v2.0 frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More