전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNBH25S 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 LNBH25S
상세설명  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 27Page - STMicroelectronics LNBH25S Datasheet HTML 28Page - STMicroelectronics LNBH25S Datasheet HTML 29Page - STMicroelectronics LNBH25S Datasheet HTML 30Page - STMicroelectronics LNBH25S Datasheet HTML 31Page - STMicroelectronics LNBH25S Datasheet HTML 32Page - STMicroelectronics LNBH25S Datasheet HTML 33Page - STMicroelectronics LNBH25S Datasheet HTML 34Page - STMicroelectronics LNBH25S Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
LNBH25S
Electrical characteristics
DocID026736 Rev 2
31/37
Refer to Section 5: "Typical application circuits", TJ from 0 to 85 °C, all dat 1..4 register bits
set to “0”, RSEL = 11.5 kΩ, DSQIN = low, V
IN = 12 V, IOUT = 50 mA, unless otherwise
stated. Typical values are referred to TJ = 25 °C. VOUT = VOUT pin voltage. See Section 6:
"I²C bus interface" and Section 7: "I²C interface protocol".
Table 17: Output voltage diagnostic (VMON bit, status 1 register) characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH-L
Diagnostic low threshold
at VOUT = 13.0 V
VSEL1 =1, VSEL2 =
VSEL3 = VSEL4 = 0
80
90
95
%
VTH-L
Diagnostic low threshold
at VOUT = 18.15 V
VSEL4 =1, VSEL1 =
VSEL2 = VSEL3 = 0
80
90
95
%
If the output voltage is lower than the min. value, the VMON I²C bit is set to 1.
If VMON=0 then VOUT > 80% of VOUT typical
If VMON=1 then VOUT < 95% of VOUT typical
Refer to Section 5: "Typical application circuits", TJ from 0 to 85 °C, RSEL = 11.5 kΩ,
DSQIN = low, VIN = 12 V, unless otherwise stated. Typical values are referred to TJ = 25
°C. VOUT = VOUT pin voltage. See Section 6: "I²C bus interface" and Section 7: "I²C
interface protocol".
Table 18: Output current diagnostic (IMON bit, status 2 register) characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ITH
Minimum current
diagnostic
threshold
EN_IMON = 1 (VOUT is set
to 21 V typ.)
5
12
20
mA
If the output current is lower than the min. threshold limit, the IMON I²C bit is set to
1. If the output current is higher than the max. threshold limit, the IMON I²C bit is
set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com