전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM120ST 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPS20SM120ST
상세설명  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM120ST 데이터시트(HTML) 1 Page - STMicroelectronics

  STPS20SM120ST Datasheet HTML 1Page - STMicroelectronics STPS20SM120ST Datasheet HTML 2Page - STMicroelectronics STPS20SM120ST Datasheet HTML 3Page - STMicroelectronics STPS20SM120ST Datasheet HTML 4Page - STMicroelectronics STPS20SM120ST Datasheet HTML 5Page - STMicroelectronics STPS20SM120ST Datasheet HTML 6Page - STMicroelectronics STPS20SM120ST Datasheet HTML 7Page - STMicroelectronics STPS20SM120ST Datasheet HTML 8Page - STMicroelectronics STPS20SM120ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
November 2014
DocID022921 Rev 2
1/14
STPS20SM120S
Power Schottky rectifier
Datasheet
- production data
Features
• High current capability
• Avalanche rated
• Low forward voltage drop
• High frequency operation
• Insulated package TO220FP-AB:
– Insulated voltage: 2000 VRMS sine
• ECOPACK®2 compliant component on
TO-220AB and TO-220FPAB.
Description
This Schottky diode is suited for high frequency
switch mode power supply.
Packaged in TO-220AB narrow leads, TO-220AB,
TO-220FPAB and I2PAK, this device is intended
to be used in notebook, game station and desktop
adapters, providing in these applications a good
efficiency at both low and high load.
Figure 1.
Electrical characteristics(a)
Table 1. Device summary
Symbol
Value
IF(AV)
20 A
VRRM
120 V
Tj
150 °C
VF (typ)
0.49 V
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 9. VAR and IAR are
pulse measurements (tp < 10 µs). VR, IR, VRRM and
VF, are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


유사한 부품 번호 - STPS20SM120ST

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS20SM120ST STMICROELECTRONICS-STPS20SM120ST Datasheet
222Kb / 11P
120 V power Schottky rectifier
29-Nov-2018
More results

유사한 설명 - STPS20SM120ST

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com