전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM120ST 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS20SM120ST
상세설명  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM120ST 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS20SM120ST Datasheet HTML 1Page - STMicroelectronics STPS20SM120ST Datasheet HTML 2Page - STMicroelectronics STPS20SM120ST Datasheet HTML 3Page - STMicroelectronics STPS20SM120ST Datasheet HTML 4Page - STMicroelectronics STPS20SM120ST Datasheet HTML 5Page - STMicroelectronics STPS20SM120ST Datasheet HTML 6Page - STMicroelectronics STPS20SM120ST Datasheet HTML 7Page - STMicroelectronics STPS20SM120ST Datasheet HTML 8Page - STMicroelectronics STPS20SM120ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID022921 Rev 2
3/14
STPS20SM120S
Characteristics
14
Figure 2.
Average forward power dissipation
versus average forward current
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
P(W)
F(AV)
0
4
8
12
16
20
24
0
4
8
12
162024
28
T
δ = t / T
p
t
p
I(A)
F(AV)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
0
4
8
12
16
20
24
0
25
50
75
100
125
150
I(A)
F(AV)
Rth(j-a) = Rth(j-c)
T
(°C)
amb
T
δ = t / T
p
t
p
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p
Figure 6.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
I (mA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
3040
5060
708090
100
110
120
Tj
°C
=150
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
Tj=150°C
V(V)
R
100
1000
1
10
100
1000
F=1MHz
Vosc =30mVRMS
Tj=25°C
C(pF)
V(V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com