전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM120ST 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS20SM120ST
상세설명  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM120ST 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS20SM120ST Datasheet HTML 1Page - STMicroelectronics STPS20SM120ST Datasheet HTML 2Page - STMicroelectronics STPS20SM120ST Datasheet HTML 3Page - STMicroelectronics STPS20SM120ST Datasheet HTML 4Page - STMicroelectronics STPS20SM120ST Datasheet HTML 5Page - STMicroelectronics STPS20SM120ST Datasheet HTML 6Page - STMicroelectronics STPS20SM120ST Datasheet HTML 7Page - STMicroelectronics STPS20SM120ST Datasheet HTML 8Page - STMicroelectronics STPS20SM120ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
STPS20SM120S
4/14
DocID022921 Rev 2
Figure 8.
Forward voltage drop versus
forward current
Figure 9.
Reverse safe operating area
(tp < 10 µs and Tj < 125 °C)
I(A)
FM
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=25°C
(Maximum values)
V(V)
FM
I
(A)
arm
5.0
5.5
6.0
6.5
7.0
7.5
8.0
120
130
140
150
160
170
V
(V)
arm
V
(V)
arm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com