| 전자부품 데이터시트 검색엔진 |
|
STM32F756NG 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756NG 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 228 page ![]() DocID027589 Rev 4 63/228 STM32F756xx Pinouts and pin description 89 -- - - N12 84 97 N13 PH7 I/O FT - I2C3_SCL, SPI5_MISO, ETH_MII_RXD3, FMC_SDCKE1, DCMI_D9, EVENTOUT - -- - - M12 85 98 P14 PH8 I/O FT - I2C3_SDA, FMC_D16, DCMI_HSYNC, LCD_R2, EVENTOUT - -- - - M13 86 99 N14 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, DCMI_D0, LCD_R3, EVENTOUT - - - - - L13 87 100 P15 PH10 I/O FT - TIM5_CH1, I2C4_SMBA, FMC_D18, DCMI_D1, LCD_R4, EVENTOUT - - - - - L12 88 101 N15 PH11 I/O FT - TIM5_CH2, I2C4_SCL, FMC_D19, DCMI_D2, LCD_R5, EVENTOUT - - - - - K12 89 102 M15 PH12 I/O FT - TIM5_CH3, I2C4_SDA, FMC_D20, DCMI_D3, LCD_R6, EVENTOUT - - - - - H12 90 - K10 VSS S - - - - - - - - J12 91 103 K11 VDD S - - - - 51 K8 M2 73 P12 92 104 L13 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, CAN2_RX, OTG_HS_ULPI_D5, ETH_MII_TXD0/ETH_RM II_TXD0, OTG_HS_ID, EVENTOUT - 52 J8 N1 74 P13 93 105 K14 PB13 I/O FT - TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, CAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_RM II_TXD1, EVENTOUT OTG_HS_VB US Table 10. STM32F756xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |