| 전자부품 데이터시트 검색엔진 |
|
STM32F756NG 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756NG 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 228 page ![]() Pinouts and pin description STM32F756xx 70/228 DocID027589 Rev 4 - - E5 124 C10 152 178 D9 PG9 I/O FT - SPDIFRX_IN3, USART6_RX, QUADSPI_BK2_IO2, SAI2_FS_B, FMC_NE2/FMC_NCE, DCMI_VSYNC, EVENTOUT - - - C6 125 B10 153 179 C8 PG10 I/O FT - LCD_G3, SAI2_SD_B, FMC_NE3, DCMI_D2, LCD_B2, EVENTOUT - - -- B6 126 B9 154 180 B8 PG11 I/O FT - SPDIFRX_IN0, ETH_MII_TX_EN/ETH_R MII_TX_EN, DCMI_D3, LCD_B3, EVENTOUT - - - A6 127 B8 155 181 C7 PG12 I/O FT - LPTIM1_IN1, SPI6_MISO, SPDIFRX_IN1, USART6_RTS, LCD_B4, FMC_NE4, LCD_B1, EVENTOUT - - - D6 128 A8 156 182 B3 PG13 I/O FT - TRACED0, LPTIM1_OUT, SPI6_SCK, USART6_CTS, ETH_MII_TXD0/ETH_RM II_TXD0, FMC_A24, LCD_R0, EVENTOUT - - - F6 129 A7 157 183 A4 PG14 I/O FT - TRACED1, LPTIM1_ETR, SPI6_MOSI, USART6_TX, QUADSPI_BK2_IO3, ETH_MII_TXD1/ETH_RM II_TXD1, FMC_A25, LCD_B0, EVENTOUT - - - - 130 D7 158 184 F7 VSS S - - - - - - E6 131 C7 159 185 E8 VDD S - - - - Table 10. STM32F756xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |