| 전자부품 데이터시트 검색엔진 |
|
STM32F756NG 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756NG 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 228 page ![]() Pinouts and pin description STM32F756xx 64/228 DocID027589 Rev 4 53 H10 K3 75 R14 94 106 R14 PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, USART3_RTS, TIM12_CH1, OTG_HS_DM, EVENTOUT - 54 G10 J3 76 R15 95 107 R15 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, OTG_HS_DP, EVENTOUT - 55 K9 L2 77 P15 96 108 L15 PD8 I/O FT - USART3_TX, SPDIFRX_IN11, FMC_D13, EVENTOUT - 56 J9 M1 78 P14 97 109 L14 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - 57 H9 H4 79 N15 98 110 K15 PD10 I/O FT - USART3_CK, FMC_D15, LCD_B3, EVENTOUT - 58 G9 K2 80 N14 99 111 N10 PD11 I/O FT - I2C4_SMBA, USART3_CTS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_A16/FMC_CLE, EVENTOUT - 59 K10 H6 81 N13 100 112 M10 PD12 I/O FT - TIM4_CH1, LPTIM1_IN1, I2C4_SCL, USART3_RTS, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_A17/FMC_ALE, EVENTOUT - 60 J10 H5 82 M15 101 113 M11 PD13 I/O FT - TIM4_CH2, LPTIM1_OUT, I2C4_SDA, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, EVENTOUT - Table 10. STM32F756xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |