| 전자부품 데이터시트 검색엔진 |
|
STM32F479IG 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479IG 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 208 page ![]() Pinouts and pin description STM32F479xx 52/208 DocID028010 Rev 2 Table 10. STM32F479xx pin and ball definitions Pin Number Pin name (function after reset)(1) Alternate functions Additional functions B2 F9 A2 1 1 A3 PE2 I/O FT - TRACECLK, SPI4_SCK, SAI1_MCLK_A, QUADSPI_BK1_IO2, ETH_MII_TXD3, FMC_A23, EVENTOUT - C1 E10 A1 2 2 A2 PE3 I/O FT - TRACED0, SAI1_SD_B, FMC_A19, EVENTOUT - C2 C11 B1 3 3 A1 PE4 I/O FT - TRACED1, SPI4_NSS, SAI1_FS_A, FMC_A20, DCMI_D4, LCD_B0, EVENTOUT - D1 B12 B2 4 4 B1 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, FMC_A21, DCMI_D6, LCD_G0, EVENTOUT - D2 D11 B3 5 5 B2 PE6 I/O FT - TRACED3, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, FMC_A22, DCMI_D7, LCD_G1, EVENTOUT - - - - - - G6 VSS S - - - - -- - - - F5 VDD S - - - - E5 C12 C1 6 6 C1 VBAT S - - - - -- D2 7 7 C2 PI8 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TAMP2/ RTC_TS G4 D12 D1 8 8 D1 PC13 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT E1 E11 E1 9 9 E1 PC14- OSC32_IN (PC14) I/O FT (2) (3) EVENTOUT OSC32_IN F1 E12 F1 10 10 F1 PC15- OSC32_OUT (PC15) I/O FT (2) (3) EVENTOUT OSC32_OUT -- - - - G5 VDD S - - - - E2 G9 D3 11 11 E4 PI9 I/O FT CAN1_RX, FMC_D30, LCD_VSYNC, EVENTOUT - |