전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479IG 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32F479IG
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479IG 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32F479IG Datasheet HTML 57Page - STMicroelectronics STM32F479IG Datasheet HTML 58Page - STMicroelectronics STM32F479IG Datasheet HTML 59Page - STMicroelectronics STM32F479IG Datasheet HTML 60Page - STMicroelectronics STM32F479IG Datasheet HTML 61Page - STMicroelectronics STM32F479IG Datasheet HTML 62Page - STMicroelectronics STM32F479IG Datasheet HTML 63Page - STMicroelectronics STM32F479IG Datasheet HTML 64Page - STMicroelectronics STM32F479IG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 208 page
background image
DocID028010 Rev 2
61/208
STM32F479xx
Pinouts and pin description
79
E12
G1
K13 113 132 N11
PG5
I/O
FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
F11
G3
J15 114 133
J15
PG6
I/O
FT
-
DCMI_D12, LCD_R7,
EVENTOUT
-
E11
H6
J14 115 134
J14
PG7
I/O
FT
-
SAI1_MCLK_A,
USART6_CK, FMC_INT,
DCMI_D13, LCD_CLK,
EVENTOUT
-
D13
G6
H14 116 135 H14
PG8
I/O
FT
-
SPI6_NSS,
USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK, LCD_G7,
EVENTOUT
-
G9
F2
G12 117 136 G10
VSS
S
-
-
-
-
G11
F1
H13 118 137 G11
VDDUSB
S
-
-
-
-
F9
F3
H15 119 138 H15
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, USART6_TX,
SDIO_D6, DCMI_D0,
LCD_HSYNC,
EVENTOUT
-
F10
G7
G15 120 139 G15
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDIO_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
E10
F4
G14 121 140 G14
PC8
I/O
FT
-
TRACED1, TIM3_CH3,
TIM8_CH3, USART6_CK,
SDIO_D0, DCMI_D2,
EVENTOUT
-
G10
F5
F14 122 141 F14
PC9
I/O
FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN,
QUADSPI_BK1_IO0,
SDIO_D1, DCMI_D3,
EVENTOUT
-
D8
E1
F15 123 142 F15
PA8
I/O
FT
-
MCO1, TIM1_CH1,
I2C3_SCL, USART1_CK,
OTG_FS_SOF, LCD_R6,
EVENTOUT
-
E8
E2
E15 124 143 E15
PA9
I/O
FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, DCMI_D0,
EVENTOUT
OTG_FS_VBU
S
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More