| 전자부품 데이터시트 검색엔진 |
|
STM32F479IG 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479IG 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 208 page ![]() Pinouts and pin description STM32F479xx 56/208 DocID028010 Rev 2 M3 L8 P4 51 54 P4 PA5 I/O TTa - TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK, OTG_HS_ULPI_CK, LCD_R4, EVENTOUT ADC12_IN5, DAC_OUT2 N3 P11 P3 52 55 P3 PA6 I/O FT (4) TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC12_IN6 K4 J8 R3 53 56 R3 PA7 I/O FT (4) TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, TIM14_CH1, QUADSPI_CLK, ETH_MII_RX_DV/ETH_R MII_CRS_DV, FMC_SDNWE, EVENTOUT ADC12_IN7 - - N5 54 57 N5 PC4 I/O FT (4) ETH_MII_RXD0/ETH_RMI I_RXD0, FMC_SDNE0, EVENTOUT ADC12_IN14 - - P5 55 58 P5 PC5 I/O FT (4) ETH_MII_RXD1/ETH_RMI I_RXD1, FMC_SDCKE0, EVENTOUT ADC12_IN15 -- - - 59 L7 VDD S - - - - - - - - 60 L6 VSS S - - - - N4 P10 R5 56 61 R5 PB0 I/O FT (4) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, LCD_G1, EVENTOUT ADC12_IN8 K5 N9 R4 57 62 R4 PB1 I/O FT (4) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, LCD_G0, EVENTOUT ADC12_IN9 L5 P9 M6 58 63 M5 PB2- BOOT1(PB2) I/O FT - EVENTOUT - - - - - 64 G4 PI15 I/O FT - LCD_G2, LCD_R0, EVENTOUT - -- - - 65 R6 PJ0 I/O FT - LCD_R7, LCD_R1, EVENTOUT - - - - - 66 R7 PJ1 I/O FT - LCD_R2, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |