전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479NG 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 STM32F479NG
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479NG 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button STM32F479NG Datasheet HTML 53Page - STMicroelectronics STM32F479NG Datasheet HTML 54Page - STMicroelectronics STM32F479NG Datasheet HTML 55Page - STMicroelectronics STM32F479NG Datasheet HTML 56Page - STMicroelectronics STM32F479NG Datasheet HTML 57Page - STMicroelectronics STM32F479NG Datasheet HTML 58Page - STMicroelectronics STM32F479NG Datasheet HTML 59Page - STMicroelectronics STM32F479NG Datasheet HTML 60Page - STMicroelectronics STM32F479NG Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 208 page
background image
DocID028010 Rev 2
57/208
STM32F479xx
Pinouts and pin description
79
-
-
-
-
67
P7
PJ2
I/O
FT
-
DSIHOST_TE, LCD_R3,
EVENTOUT
-
-
-
-
-
68
N8
PJ3
I/O
FT
-
LCD_R4, EVENTOUT
-
-
-
-
-
69
M9
PJ4
I/O
FT
-
LCD_R5, EVENTOUT
-
M5
K7
R6
59
70
P8
PF11
I/O
FT
-
SPI5_MOSI,
FMC_SDNRAS,
DCMI_D12, EVENTOUT
-
N5
M8
P6
60
71
M6
PF12
I/O
FT
-
FMC_A6, EVENTOUT
-
J6
N8
M8
61
72
K7
VSS
S
-
-
-
-
K6
P8
N8
62
73
L8
VDD
S
-
-
-
-
M4
J7
N6
63
74
N6
PF13
I/O
FT
-
FMC_A7, EVENTOUT
-
H5
L7
R7
64
75
P6
PF14
I/O
FT
-
FMC_A8, EVENTOUT
-
M6
H8
P7
65
76
M8
PF15
I/O
FT
-
FMC_A9, EVENTOUT
-
N6
J6
N7
66
77
N7
PG0
I/O
FT
-
FMC_A10, EVENTOUT
-
M7
P7
M7
67
78
M7
PG1
I/O
FT
-
FMC_A11, EVENTOUT
-
N7
N7
R8
68
79
R8
PE7
I/O
FT
-
TIM1_ETR, UART7_Rx,
QUADSPI_BK2_IO0,
FMC_D4, EVENTOUT
-
G6
M7
P8
69
80
N9
PE8
I/O
FT
-
TIM1_CH1N, UART7_Tx,
QUADSPI_BK2_IO1,
FMC_D5, EVENTOUT
-
H6
K6
P9
70
81
P9
PE9
I/O
FT
-
TIM1_CH1,
QUADSPI_BK2_IO2,
FMC_D6, EVENTOUT
-
J7
-
M9
71
82
K8
VSS
S
-
-
-
-
L6
-
N9
72
83
L9
VDD
S
-
-
-
-
H7
P6
R9
73
84
R9
PE10
I/O
FT
-
TIM1_CH2N,
QUADSPI_BK2_IO3,
FMC_D7, EVENTOUT
-
K7
N6
P10
74
85
P10
PE11
I/O
FT
-
TIM1_CH2, SPI4_NSS,
FMC_D8, LCD_G3,
EVENTOUT
-
L7
M6
R10
75
86
R10
PE12
I/O
FT
-
TIM1_CH3N, SPI4_SCK,
FMC_D9, LCD_B4,
EVENTOUT
-
J8
L6
N11
76
87
R12
PE13
I/O
FT
-
TIM1_CH3, SPI4_MISO,
FMC_D10, LCD_DE,
EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More