전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479NG 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STM32F479NG
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479NG 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STM32F479NG Datasheet HTML 10Page - STMicroelectronics STM32F479NG Datasheet HTML 11Page - STMicroelectronics STM32F479NG Datasheet HTML 12Page - STMicroelectronics STM32F479NG Datasheet HTML 13Page - STMicroelectronics STM32F479NG Datasheet HTML 14Page - STMicroelectronics STM32F479NG Datasheet HTML 15Page - STMicroelectronics STM32F479NG Datasheet HTML 16Page - STMicroelectronics STM32F479NG Datasheet HTML 17Page - STMicroelectronics STM32F479NG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 208 page
background image
Description
STM32F479xx
14/208
DocID028010 Rev 2
1.1
Compatibility throughout the family
STM32F479xx devices are not compatible with other STM32F4xx devices. Figure 1 and
Figure 2 show incompatible board designs, respectively, for LQFP176 and LQFP208
packages (highlighted pins). The UFBGA176 and TFBGA216 ballouts are compatible with
other STM32F4xx devices, only few IO port pins are substituted, as shown in Figure 3 and
Figure 4. The UFBGA169 package is incompatible with other STM32F4xx devices.
1.1.1
LQFP176 package
Figure 1. Incompatible board design for LQFP176 package
1. Pins from 86 to 133 are not compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More