| 전자부품 데이터시트 검색엔진 |
|
STM32F479NG 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479NG 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 208 page ![]() DocID028010 Rev 2 59/208 STM32F479xx Pinouts and pin description 79 K9 N3 - - 101 N15 PH11 I/O FT - TIM5_CH2, FMC_D19, DCMI_D2, LCD_R5, EVENTOUT - H10 P2 - - 102 M15 PH12 I/O FT - TIM5_CH3, FMC_D20, DCMI_D3, LCD_R6, EVENTOUT - - H7 - - - K10 VSS S - - - - - - - - 103 K11 VDD S - - - - N10 H5 P12 85 104 L13 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, CAN2_RX, OTG_HS_ULPI_D5, ETH_MII_TXD0/ETH_RMI I_TXD0, OTG_HS_ID, EVENTOUT - N11 K4 P13 86 105 K14 PB13 I/O FT - TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, CAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_RMI I_TXD1, EVENTOUT OTG_HS_VBU S N12 P1 R14 87 106 R14 PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, I2S2ext_SD, USART3_RTS, TIM12_CH1, OTG_HS_DM, EVENTOUT - N13 N2 R15 88 107 R15 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, OTG_HS_DP, EVENTOUT - L10 L4 P15 89 108 L15 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - M10 N1 P14 90 109 L14 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - L11 M3 N15 91 110 K15 PD10 I/O FT - USART3_CK, FMC_D15, LCD_B3, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |