| 전자부품 데이터시트 검색엔진 |
|
DF14-2627SCF 데이터시트(PDF) 1 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF14-2627SCF 데이터시트(HTML) 1 Page - Hirose Electric |
|
1 / 6 page ![]() B177 1.25mm Pitch Super Low profile Crimping Connector DF14 Series sFeatures 1. Super Low Profile This is a connector special for right angle which has pursued a low profile on the board. Board mounting height: 2.5mm A signal can be fetched from the area where there is no board to board space. 2. Correspond to Automatic Mounting The header has the vacuum mount face which enables the vacuum absorption and the automatic mounting by the embossed tape packaging.In addition, the tube packaging can be selected. 3. Four Wall Type Without Friction to Board by Socket The header has the box structure to prevent from being twisted and has the perfect mis-insertion prevention method. Moreover the header has the wall on the board side and doesn't have any trouble resulted from the friction to board by socket. In addition, the metal fitting is attached to prevent the solder peel. sApplications LCD, Note PC, Mobile Terminal Small business equipment, Video camera Board Mounting Figure 1 |
유사한 부품 번호 - DF14-2627SCF |
|
유사한 설명 - DF14-2627SCF |