전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF14-2627SCF 데이터시트(PDF) 4 Page - Hirose Electric

부품명 DF14-2627SCF
상세설명  1.25mm Pitch Super Low profile Crimping Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-2627SCF 데이터시트(HTML) 4 Page - Hirose Electric

  DF14-2627SCF Datasheet HTML 1Page - Hirose Electric DF14-2627SCF Datasheet HTML 2Page - Hirose Electric DF14-2627SCF Datasheet HTML 3Page - Hirose Electric DF14-2627SCF Datasheet HTML 4Page - Hirose Electric DF14-2627SCF Datasheet HTML 5Page - Hirose Electric DF14-2627SCF Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B180
With boss
Without boss
Tube Packaging
Part Number
CL No.
Part Number
CL No.
Number of Contacts
AB
C
D
Quantity
DF14- 2P-1.25H(**)
538-0021-4-**
DF14A- 2P-1.25H(**)
538-0033-3-**
2
7.45
1.25
6.45
8.05
66
DF14- 3P-1.25H(**)
538-0022-7-**
DF14A- 3P-1.25H(**)
538-0034-6-**
3
8.70
2.50
7.70
9.30
56
DF14- 4P-1.25H(**)
538-0023-0-**
DF14A- 4P-1.25H(**)
538-0035-9-**
4
9.95
3.75
8.95
10.55
49
DF14- 5P-1.25H(**)
538-0024-2-**
DF14A- 5P-1.25H(**)
538-0036-1-**
5
11.20
5.00
10.20
11.80
44
DF14- 6P-1.25H(**)
538-0025-5-**
DF14A- 6P-1.25H(**)
538-0037-4-**
6
12.45
6.25
11.45
13.05
39
DF14- 7P-1.25H(**)
538-0026-8-**
DF14A- 7P-1.25H(**)
538-0038-7-**
7
13.70
7.50
12.70
14.30
36
DF14- 8P-1.25H(**)
538-0027-0-**
DF14A- 8P-1.25H(**)
538-0039-0-**
8
14.95
8.75
13.95
15.55
32
DF14- 9P-1.25H(**)
538-0028-3-**
DF14A- 9P-1.25H(**)
538-0040-9-**
9
16.20
10.00
15.20
16.80
30
DF14-10P-1.25H(**)
538-0029-6-**
DF14A-10P-1.25H(**)
538-0041-1-**
10
17.45
11.25
16.45
18.05
28
DF14-15P-1.25H(**)
538-0084-4-**
DF14A-15P-1.25H(**)
538-0114-3-**
15
23.70
17.50
22.70
24.30
20
DF14-20P-1.25H(**)
538-0089-8-**
DF14A-20P-1.25H(**)
538-0119-7-**
20
29.95
23.75
28.95
30.55
16
DF14-25P-1.25H(**)
538-0094-8-**
DF14A-25P-1.25H(**)
538-0124-7-**
25
36.20
30.00
35.20
36.80
13
DF14-30P-1.25H(**)
538-0020-1-**
DF14A-30P-1.25H(**)
538-0045-2-**
30
42.45
36.25
41.45
43.05
11
Note 1.Please order the tube packaging product, multiplying the packaging quantity (pcs.).
Note 2.Please order the embossed tape packaging product according to reel number. (1000 pcs./reel)
Unit: mm
[Specific No.]–**,(**)
(20): Tin plated tube packaging
(21): Tin plated embossed tape packaging
(50): Gold plated tube packaging
(59): Gold plated embossed tape packaging
BPCB mounting pattern
BTube Packaging Dimensions
sRight Angle Pin Header (SMT)
Note 1."Without boss" indicates the style with no boss.
Note 2."Without boss" indicates that no hole is needed.



Html Pages

1 2 3 4 5 6