| 전자부품 데이터시트 검색엔진 |
|
PCI9060ES 데이터시트(PDF) 190 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES 데이터시트(HTML) 190 Page - List of Unclassifed Manufacturers |
|
190 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 181 Version 1.02 8.5 S MODE A A + 8 [15:0] [31:16] [15:0] [31:16] [15:0] [31:16] [15:0] [31:16] A A+4 A+12 A A+2 A+4 A+6 A+8 A+10 A+12 A+14 A 0ns 100ns 200ns 300ns 400ns 5 LCLK LCLK LHOLD LHOLDA AS# BLAST# LA[31:16] LBE[1:0]# LABS[3:1] LAD[16:1] BTERM# READYi# No wait states, Bterm enabled. Timing Diagram 8-79. (S Mode) PCI 9080 DMA or Direct Slave Two Lword Burst Write to 16 Bit Local Bus |