| 전자부품 데이터시트 검색엔진 |
|
PCI9060ES 데이터시트(PDF) 125 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES 데이터시트(HTML) 125 Page - List of Unclassifed Manufacturers |
|
125 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 116 Version 1.02 D0 D1 D7 D4 D5 D6 A+14 A A+4 A+8 A+C A+10 A+18 A+1C D3 D2 LBE 0ns 100ns 200ns 300ns 400ns 500ns LCLK LHOLD LHOLDA ADS# BLAST# LBE[3:0]# LW/R# LD[31:0] LA[31:2] BTERM# READYi# Eight Lword burst, no wait states, burst enabled, Bterm enabled, 32 bit local bus. Note: If Bterm is disabled, a new ADS cycle starts every quad Lword boundary. Timing Diagram 8-12. (C Mode) PCI 9080 DMA or Direct Slave Burst Read from Local Bus, Bterm Enabled |