전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8029C2 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 TDA8029C2
상세설명  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 45Page - NXP Semiconductors TDA8029C2 Datasheet HTML 46Page - NXP Semiconductors TDA8029C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029C2 Datasheet HTML 52Page - NXP Semiconductors TDA8029C2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
2003 Oct 30
49
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
DC/DC converter
fint
oscillation frequency
2
2.6
3.2
MHz
VVUP
voltage on pin VUP
5 V card
−
5.7
−
V
3 V card
−
4.1
−
V
Vdet
detection voltage for
doubler/tripler selection
3.4
3.5
3.6
V
Reset output to the card: pin RST
VO(inactive)
output voltage in inactive
mode
no load
0
−
0.1
V
IO(inactive) = 1 mA
0
−
0.3
V
IO(inactive)
current from RST when
inactive and pin grounded
0
−−1mA
VOL
LOW level output voltage
IOL = 200 µA0
−
0.3
V
VOH
HIGH level output voltage
IOH = −200 µA
0.9VCC
−
VCC
V
tr
rise time
CL = 250 pF
−−
0.1
µs
tf
fall time
CL = 250 pF
−−
0.1
µs
Clock output to the card: pin CLK
VO(inactive)
output voltage in inactive
mode
no load
0
−
0.1
V
IO(inactive) = 1 mA
0
−
0.3
V
IO(inactive)
current from pin CLK
inactive and pin grounded
0
−−1mA
VOL
LOW level output voltage
IOL = 200 µA0
−
0.3
V
VOH
HIGH level output voltage
IOH = −200 µA
0.9VCC
−
VCC
V
tr
rise time
CL =35pF, VCC =5or 3V
−−
10
ns
tf
fall time
CL =35pF, VCC =5or 3V
−−
10
ns
fclk
clock frequency
1 MHz idle configuration
1
−
1.5
MHz
operational
0
−
20
MHz
δ
duty cycle
except for XTAL; CL =35pF
45
−
55
%
SRr, SRf
slew rate, rise and fall
CL =35pF
0.2
−−
V/ns
Card supply voltage: pin VCC; 2 ceramic multilayer capacitances with low ESR of minimum 100 nF should be
used in order to meet these specifications
VO(inactive)
output voltage inactive
no load
0
−
0.1
V
IO(inactive) = 1 mA
0
−
0.3
V
IO(inactive)
current from pin I/O
inactive and pin grounded
−−
−1mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com