전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8029C2 데이터시트(PDF) 28 Page - NXP Semiconductors

부품명 TDA8029C2
상세설명  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 데이터시트(HTML) 28 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 24Page - NXP Semiconductors TDA8029C2 Datasheet HTML 25Page - NXP Semiconductors TDA8029C2 Datasheet HTML 26Page - NXP Semiconductors TDA8029C2 Datasheet HTML 27Page - NXP Semiconductors TDA8029C2 Datasheet HTML 28Page - NXP Semiconductors TDA8029C2 Datasheet HTML 29Page - NXP Semiconductors TDA8029C2 Datasheet HTML 30Page - NXP Semiconductors TDA8029C2 Datasheet HTML 31Page - NXP Semiconductors TDA8029C2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
2003 Oct 30
28
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.1
GENERAL REGISTERS
8.10.1.1
Card Select Register (CSR)
This register is used for resetting the ISO UART.
Table 32 Card select register, address 0h, read and write
Table 33 Description of register bits
8.10.1.2
Hardware Status Register (HSR)
This register gives the status of the chip after a hardware problem has been signalled or when pin SDWN_N has been
activated.
When PRTL1, PRL1, PTL or SDWN is logic 1, then pin INT0_N is LOW. The bits having caused the interrupt are cleared
when HSR is read (two fint cycles after the rising edge of signal RD).
In case of emergency deactivation by PRTL1, SUPL, PRL1 and PTL, bit START in the power control register is
automatically reset by hardware.
Table 34 Hardware Status Register, address Fh, read
Table 35 Description of register bits
BIT
7
6
543210
Symbol
−−
−
−
RIU
−−−
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7to4
−
Not used.
3
RIU
Reset ISO UART. If RIU = 0, this bit resets a large part of the UART registers to their
initial value. Bit RIU must be reset to logic 0 for at least 10 ns duration before any
activation. Bit RIU must be set to logic 1 by software before any action on the UART can
take place.
2to0
−
Not used.
BIT
7
6
543210
Symbol
SDWN
−
PRTL1
SUPL
−
PRL1
−
PTL
Reset value
−
0000000
BIT
SYMBOL
DESCRIPTION
7SDWN
Enter shut-down mode. This bit is used for entering the shut-down mode. SDWN is set
when the SDWN_N pin is active (LOW). When the software reads the status, it must:
• Deactivate the card if active
• Set all ports to logic 1 (for minimizing the current consumption)
• Inhibit the interrupts
• Go to Power-down mode.
The same must be done when the chip is powered-on with SDWN_N pin active.
The only way to leave shut-down mode is when pin SDWN_N is HIGH.
6
−
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com