전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN2014LHAB-13 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 DMN2014LHAB-13
상세설명  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2014LHAB-13 데이터시트(HTML) 5 Page - Diodes Incorporated

  DMN2014LHAB-13 Datasheet HTML 1Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 2Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 3Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 4Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 5Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN2014LHAB
Document number: DS36441 Rev. 3 - 2
5 of 6
www.diodes.com
February 2016
© Diodes Incorporated
DMN2014LHAB
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2030-6 (Type B)
U-DFN2030-6
(Type B)
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0.00
0.05
0.02
A3
--
--
0.15
b
0.20
0.30
0.25
D
1.95
2.05
2.00
D2
1.40
1.60
1.50
E
2.95
3.05
3.00
E2
1.65
1.75
1.70
e
--
--
0.50
L
0.28
0.38
0.33
z
--
--
0.375
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2030-6 (Type B)
Dimensions
Value
(in mm)
G
0.220
X
0.350
X1
0.850
X2
1.600
X3
1.350
Y
0.530
Y1
1.800
Y2
3.300
D
E
e
b
L
E2
z(4x)
A
A1
A3
Seating Plane
D2
Pin#1 ID
Y1
Y
X
X1
X2
Y2
G
X3



Html Pages

1 2 3 4 5 6