전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN2990UFA 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 DMN2990UFA
상세설명  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2990UFA 데이터시트(HTML) 2 Page - Diodes Incorporated

  DMN2990UFA Datasheet HTML 1Page - Diodes Incorporated DMN2990UFA Datasheet HTML 2Page - Diodes Incorporated DMN2990UFA Datasheet HTML 3Page - Diodes Incorporated DMN2990UFA Datasheet HTML 4Page - Diodes Incorporated DMN2990UFA Datasheet HTML 5Page - Diodes Incorporated DMN2990UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2990UFA
Document number: DS35765 Rev. 3 - 2
2 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMN2990UFA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
510
410
mA
t<10s
TA = +25°C
TA = +70°C
ID
610
490
mA
Continuous Drain Current (Note 5) VGS = 1.8V
Steady
State
TA = +25°C
TA = 70°C
ID
380
300
mA
t<10s
TA = +25°C
TA = +70°C
ID
450
360
mA
Pulsed Drain Current (Note 6)
IDM
800
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady state
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
310
°C/W
t<10s
220
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
—
—
100
nA
VDS = 16V, VGS = 0V
—
—
50
VDS = 5V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.4
—
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
0.60
0.99
Ω
VGS = 4.5V, ID = 100mA
—
0.75
1.2
VGS = 2.5V, ID = 50mA
—
0.90
1.8
VGS = 1.8V, ID = 20mA
—
1.2
2.4
VGS = 1.5V, ID = 10mA
—
2.0
—
VGS = 1.2V, ID = 1mA
Forward Transfer Admittance
|Yfs|
180
—
—
mS
VDS = 10V, ID = 400mA
Diode Forward Voltage
VSD
-
0.6
1.0
V
VGS = 0V, IS = 150mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
27.6
55.2
pF
VDS = 16V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
4.0
8.0
pF
Reverse Transfer Capacitance
Crss
—
2.8
5.6
pF
Total Gate Charge
Qg
—
0.5
—
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
—
0.07
—
nC
Gate-Drain Charge
Qgd
—
0.07
—
nC
Turn-On Delay Time
tD(on)
—
4.0
—
ns
VDD = 10V, VGS = 4.5V,
RL = 47Ω, RG = 10Ω,
ID = 200mA
Turn-On Rise Time
tr
—
3.3
—
ns
Turn-Off Delay Time
tD(off)
—
19.0
—
ns
Turn-Off Fall Time
tf
—
6.4
—
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6. Device mounted on minimum recommended pad layout test board, 10
μs pulse duty cycle = 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com