전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN2990UFA 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DMN2990UFA
상세설명  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2990UFA 데이터시트(HTML) 4 Page - Diodes Incorporated

  DMN2990UFA Datasheet HTML 1Page - Diodes Incorporated DMN2990UFA Datasheet HTML 2Page - Diodes Incorporated DMN2990UFA Datasheet HTML 3Page - Diodes Incorporated DMN2990UFA Datasheet HTML 4Page - Diodes Incorporated DMN2990UFA Datasheet HTML 5Page - Diodes Incorporated DMN2990UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2990UFA
Document number: DS35765 Rev. 3 - 2
4 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMN2990UFA
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE( C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
J
V
(V) @ I = 250µA
TH
D
V
(V) @ I = 1mA
TH
D
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
1.2
V
(V) @ V
= 0V, T = 25°C
SD
GS
A
V
, SOURCE- DRAIN VOLTAGE (V)
Fig. 8 Diodes Forward Voltage vs. Current
SD
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
50
40
30
20
10
0
10
15
20
5
0
f = 1MHz
Ciss Ave (pF)
Coss Ave (pF)
Crss Ave (pF)
1
10
100
1000
2
4
6
8
10
12
14
16
18
20
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Typical Drain-Source Leakage Current vs. Voltage
DS
I
(nA) Ave @ 25°C
DSS
I
(nA) Ave @ 85°C
DSS
I
(nA) Ave @ 125°C
DSS
I
(nA) Ave @ 150°C
DSS
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
Q - (nC)
Fig. 11 Gate Charge Characteristics
G
V
= 10V
DS



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com