전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN2990UFA 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 DMN2990UFA
상세설명  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2990UFA 데이터시트(HTML) 3 Page - Diodes Incorporated

  DMN2990UFA Datasheet HTML 1Page - Diodes Incorporated DMN2990UFA Datasheet HTML 2Page - Diodes Incorporated DMN2990UFA Datasheet HTML 3Page - Diodes Incorporated DMN2990UFA Datasheet HTML 4Page - Diodes Incorporated DMN2990UFA Datasheet HTML 5Page - Diodes Incorporated DMN2990UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN2990UFA
Document number: DS35765 Rev. 3 - 2
3 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMN2990UFA
0.0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
V
, DRAIN-SOURCE VOLTAGE (A)
Fig. 1 Typical Output Characteristics
DS
I (A) @ V
= 1.2V
DGS
I (A) @ V
= 1.5V
DGS
I (A) @ V
= 2.0V
DGS
I (A) @ V
= 2.5V
DGS
I (A) @ V
= 3.0V
DGS
I (A) @ V
=4.0V
DGS
I (A) @ V
= 4.5V
DGS
0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
2.5
3
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2 Typical Transfer Characteristics
GS
V
= 5.0V
DS
Ave V
(V) @ -55°C
GS
Ave V
(V) @ 25°C
GS
Ave V
(V) @ 85°C
GS
Ave V
(V) @ 125°C
GS
Ave V
(V) @ 150°C
GS
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
I , DRAIN-SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
R
Ave @ V
= 1.8V
DS(ON)
GS
R
Ave @ V
= 4.5V
DS(ON)
GS
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
V
= 4.5V
GS
Ave R
(R)
DS(ON)
@ -55°C
Ave R
(R)
DS(ON)
@ 25°C
Ave R
(R)
DS(ON)
@ 85°C
Ave R
(R)
DS(ON)
@ 150°C
Ave R
(R)
DS(ON)
@ 125°C
I DRAIN CURRENT (A)
Fig. 4 Typical On-Resistance vs. Drain Current and Temperature
D
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE( C)
Fig. 5 On-Resistance Variation with Temperature
J
R
Ave
@ V
= 2.5V, I = 150mA
DS(ON)
GS
D
R
Ave
@ V
= 4.5V, I = 300mA
DS(ON)
GS
D
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE( C)
Fig. 6 On-Resistance Variation with Temperature
J
R
@ V
= 2.5V, I = 150mA
DS(ON)
GS
D
R
@ V
= 4.5V, I = 300mA
DS(ON)
GS
D



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com