| 전자부품 데이터시트 검색엔진 |
|
DS99R101 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS99R101 데이터시트(HTML) 5 Page - Texas Instruments |
|
5 / 29 page ![]() DS99R101, DS99R102 www.ti.com SNLS240D – MARCH 2007 – REVISED APRIL 2013 Serializer Switching Characteristics Over recommended operating supply and temperature ranges unless otherwise specified. Symbol Parameter Conditions Min Typ Max Units tLLHT LVDS Low-to-High Transition Time RL = 100Ω, (Figure 3) 0.6 ns CL = 10 pF to GND tLHLT LVDS High-to-Low Transition Time 0.6 ns VODSEL = L tDIS DIN (23:0) Setup to TCLK RL = 100Ω, 5 ns CL = 10 pF to GND (1) tDIH DIN (23:0) Hold from TCLK 5 ns tHZD DOUT ± HIGH to TRI-STATE Delay RL = 100Ω, 15 ns CL = 10 pF to GND tLZD DOUT ± LOW to TRI-STATE Delay 15 ns (Figure 6)(2) tZHD DOUT ± TRI-STATE to HIGH Delay 200 ns tZLD DOUT ± TRI-STATE to LOW Delay 200 ns tPLD Serializer PLL Lock Time RL = 100Ω, (Figure 7) 10 ms tSD Serializer Delay RL = 100Ω, (Figure 8) (3) 3.5T 3.5T + 2.85 ns VODSEL = L, TRFB = H + 10 RL = 100Ω, (Figure 8) (3) 3.5T 3.5T + 2.85 ns VODSEL = L, TRFB = L + 10 TxOUT_E_O TxOUT_Eye_Opening 3–40 MHz 0.68 UI(5) (respect to ideal) (Figure 9)(4) (1) Specification is guaranteed by characterization and is not tested in production. (2) When the Serializer output is at TRI-STATE, the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer. (3) Figure 1, Figure 2, Figure 8, Figure 12, Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT). (4) tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter. (5) UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency. Deserializer Switching Characteristics Over recommended operating supply and temperature ranges unless otherwise specified. Symbol Parameter Conditions Pin/Freq. Min Typ Max Units tRCP Receiver out Clock Period tRCP = tTCP (1) RCLK 25 T 333 ns tRDC RCLK Duty Cycle RCLK 45 50 55 % tCLH LVCMOS Low-to-High CL = 8 pF ROUT [23:0], 2.5 3.5 ns Transition Time (lumped load) LOCK, RCLK (Figure 11) tCHL LVCMOS High-to-Low 2.5 3.5 ns Transition Time tROS ROUT (7:0) Setup Data to (Figure 15)(2) ROUT [7:0] (0.40)* (29/56)*tRCP ns RCLK (Group 1) tRCP tROH ROUT (7:0) Hold Data to RCLK (0.40)* (27/56)*tRCP ns (Group 1) tRCP tROS ROUT (15:8) Setup Data to (Figure 15)(2) ROUT [15:8], (0.40)* 0.5*tRCP ns RCLK (Group 2) LOCK tRCP tROH ROUT (15:8) Hold Data to (0.40)* 0.5*tRCP ns RCLK (Group 2) tRCP tROS ROUT (23:16) Setup Data to (Figure 15)(2) ROUT [23:16] (0.40)* (27/56)*tRCP ns RCLK (Group 3) tRCP tROH ROUT (23:16) Hold Data to (0.40)* (29/56)*tRCP ns RCLK (Group 3) tRCP tHZR HIGH to TRI-STATE Delay (Figure 13) ROUT [23:0], 3 10 ns RCLK, LOCK tLZR LOW to TRI-STATE Delay 3 10 ns tZHR TRI-STATE to HIGH Delay 3 10 ns tZLR TRI-STATE to LOW Delay 3 10 ns tDD Deserializer Delay (Figure 12)(3) RCLK [4+(3/56)]T [4+(3/56)]T ns +5.9 +18.5 (1) Specification is guaranteed by characterization and is not tested in production. (2) Figure 5, Figure 15 show a rising edge data strobe (TCLK IN/RCLK OUT). (3) Figure 1, Figure 2, Figure 8, Figure 12, Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT). Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: DS99R101 DS99R102 |