전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN8005 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 AN8005
상세설명  3-pin, positive output, low dropout voltage regulator (50 mA type)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8005 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  AN8005 Datasheet HTML 1Page - Panasonic Semiconductor AN8005 Datasheet HTML 2Page - Panasonic Semiconductor AN8005 Datasheet HTML 3Page - Panasonic Semiconductor AN8005 Datasheet HTML 4Page - Panasonic Semiconductor AN8005 Datasheet HTML 5Page - Panasonic Semiconductor AN8005 Datasheet HTML 6Page - Panasonic Semiconductor AN8005 Datasheet HTML 7Page - Panasonic Semiconductor AN8005 Datasheet HTML 8Page - Panasonic Semiconductor AN8005 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN80xx/AN80xxM Series
3
SFF00007CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN8003, AN8003M (3V type)
• AN8035(3.5V type)
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
3.12
3
Tj
= 25°C
VI
= 3.5 to 9V, Tj = 25°C
25
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 2.9V, IO = 20mA, Tj = 25°C
VI
= 2.9V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.6
IO
= 0mA, Tj = 25°C
VI
= 4 to 6V, f = 120Hz
0.15
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
30
50
0.2
0.3
1
2.88
58
0.12
3
9
15
70
70
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 4V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
yp
1
3.64
3.5
Tj
= 25°C
VI
= 4 to 9.5V, Tj = 25°C
30
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 3.4V, IO = 20mA, Tj = 25°C
VI
= 3.4V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.6
IO
= 0mA, Tj = 25°C
VI
= 4.5 to 6.5V, f = 120Hz
0.2
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
40
50
0.2
0.3
1
3.36
57
0.12
3.5
10
20
75
69
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 4.5V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
• AN8004, AN8004M (4V type)
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
4.16
4
Tj
= 25°C
VI
= 4.5 to 10V, Tj = 25°C
30
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 3.8V, IO = 20mA, Tj = 25°C
VI
= 3.8V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.6
IO
= 0mA, Tj = 25°C
VI
= 5 to 7V, f = 120Hz
0.2
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
40
50
0.2
0.3
1
3.84
56
0.12
3.5
10
20
80
67
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 5V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit



Html Pages

1 2 3 4 5 6 7 8 9