전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN8005 데이터시트(PDF) 7 Page - Panasonic Semiconductor

부품명 AN8005
상세설명  3-pin, positive output, low dropout voltage regulator (50 mA type)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8005 데이터시트(HTML) 7 Page - Panasonic Semiconductor

  AN8005 Datasheet HTML 1Page - Panasonic Semiconductor AN8005 Datasheet HTML 2Page - Panasonic Semiconductor AN8005 Datasheet HTML 3Page - Panasonic Semiconductor AN8005 Datasheet HTML 4Page - Panasonic Semiconductor AN8005 Datasheet HTML 5Page - Panasonic Semiconductor AN8005 Datasheet HTML 6Page - Panasonic Semiconductor AN8005 Datasheet HTML 7Page - Panasonic Semiconductor AN8005 Datasheet HTML 8Page - Panasonic Semiconductor AN8005 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN80xx/AN80xxM Series
7
SFF00007CEB
I Main Characteristics
0
20406080
Ambient temperature Ta (
°C)
100
120
140
160
800
700
600
500
400
300
200
100
0
PD
 Ta (AN80xx series)
0
5
10
15
20
Input voltage VI (V)
12
10
8
6
4
2
0
VO
 VI
AN8010/M
AN8005/M
AN8002/M
CO
= 10µF
IO
= 0mA
0
102030405060708090
100
Output current IO (mA)
5.3
5.2
5.1
5.0
4.9
4.8
4.7
VO
 IO
50
100
300 500
1k
3k
5k
10k
30k 50k 100k
Frequency f (Hz)
80
70
60
50
40
30
RR
 f
AN8005
−40
−20
0
20
40
60
80
100
120
140
160
Ambient temperature Ta (
°C)
5.3
5.2
5.1
5.0
4.9
4.8
4.7
VO
 Ta
AN8005
VI
= 6V
CO
= 10µF
IO
= 0mA
0
20406080
Ambient temperature Ta (
°C)
100
120
140
160
800
700
600
500
400
300
200
100
0
PD
 Ta (AN80xxM series)
Mounted on standard board
glass epoxy: 20
× 20 × t1.7mm3
with Cu foil of 1cm2 or more
AN8005
VI
= 6V
CO
= 10µF



Html Pages

1 2 3 4 5 6 7 8 9