| 전자부품 데이터시트 검색엔진 |
|
AN8005 데이터시트(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AN8005 데이터시트(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 9 page ![]() Voltage Regulators 1 Publication date: December 2001 SFF00007CEB AN80xx/AN80xxM Series 3-pin, positive output, low dropout voltage regulator (50 mA type) I Overview The AN80xx series and the AN80xxM series are 3- pin, low dropout, fixed positive output type monolithic voltage regulators. Since their power consumption can be minimized, they are suitable for battery-used power supply and reference voltage. 13 types of output voltage are available; 2V, 2.5V, 3V, 3.5V (SSIP003-P-0000 only), 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V. I Features • Input/output voltage difference: 0.3V max. • Output current of up to 50mA • Low bias current: 0.6mA typ. • Output voltage: 2V, 2.5V, 3V, 3.5V (SSIP003-P-0000 only), 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V • Built-in overcurrent protection circuit SSIP003-P-0000 AN80xx series Unit: mm AN80xxM series Unit: mm Voltage Reference Current Limiter Starter VO R1 R2 COUT CIN R1 = 5kΩ CIN = 0.33µF COUT = 10µF VI Note) The number in ( ) shows the pin number for the AN80xx series. + Error Amp. − − + 3 (1) 2 (3) 1 (2) I Block Diagram (AN80xxM series) HSIP003-P-0000B 5.0±0.2 4.0±0.2 2.3±0.2 0.6±0.15 0.43+0.1 –0.05 2.54 0.43+0.1 –0.05 21 3 1.6 max. 1.8 max. 4.6 max. 3.0 1.5 1.5 32 1 0.48 max. 0.58 max. 0.44 max. 1: Input 2: Output 3: GND 1: Output 2: GND 3: Input Note) The packages (SSIP003-P-0000 and HSIP003- P-0000B) of this product will be changed to lead-free type (SSIP003-P-0000S and HSIP003-P-0000Q). See the new package di- mensions section later of this datasheet. |
유사한 부품 번호 - AN8005 |
|
유사한 설명 - AN8005 |